Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1402 Datasheet (PDF) - ON Semiconductor

CM1402 Datasheet PDF - ON Semiconductor
Part # CM1402
Download  CM1402 Download
File Size   418.31 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SIM Card EMI Filter Array with ESD Protection

CM1402 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1402 Datasheet PDF - ON Semiconductor

Part # CM1402
Download  CM1402 Click to download

File Size   418.31 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SIM Card EMI Filter Array with ESD Protection

CM1402 Datasheet (HTML) - ON Semiconductor


CM1402 Product details

Product Description

The CM1402 is an EMI filter array with ESD protection, which integrates three pi filters (C-R-C) and two additional channels of ESD protection. The CM1402 has component values of 20pF-47Ω-20pF, and 20pF-100Ω-20pF. The parts include avalanche-type ESD diodes on every pin, which provide a very high level of protection for sensitive electronic components that may be subjected to  electrostatic discharge (ESD).



Features

• Functionally and pin compatible with CMD’s CSPEMI400

• OptiGuard coated for improved reliability at assembly

• Three channels of EMI filtering, each with ESD protection

• Two additional channels of ESD-only protection

• ±10kV ESD protection (IEC 61000-4-2, contact discharge) on all pins

• ±25kV ESD protection (HBM)

• Greater than 30dB of attenuation at 1GHz

• 10-bump, 1.960mm x 1.330mm footprint Chip Scale Package (CSP)

• Chip Scale Package features extremely low lead inductance for optimum filter and ESD performance

• RoHS-compliant, lead-free packaging



Applications

• SIM Card slot in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs, etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers



 




Similar Part No. - CM1402

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
414Kb / 8P
SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
logo
California Micro Device...
CM1402-03CP CALMIRCO-CM1402-03CP Datasheet
493Kb / 8P
SIM Card EMI Filter Array with ESD Protection
CM1402-03CS CALMIRCO-CM1402-03CS Datasheet
493Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
More results


Similar Description - CM1402

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
SIM Card EMI Filter Array with ESD Protection
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
MultiMedia Card EMI Filter Array with ESD Protection
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
EMI FILTER ARRAY WITH ESD PROTECTION
logo
ON Semiconductor
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
logo
Nexperia B.V. All right...
IP4264CZ8-10-TTL NEXPERIA-IP4264CZ8-10-TTL Datasheet
457Kb / 16P
Integrated (U)SIM card passive filter array with ESD protection
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com