Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1406 Datasheet (PDF) - ON Semiconductor

CM1406 Datasheet PDF - ON Semiconductor
Part # CM1406
Download  CM1406 Download
File Size   1245.22 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 and 8-Channel EMI Filter Arrays with ESD Protection

CM1406 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1406 Datasheet PDF - ON Semiconductor

Part # CM1406
Download  CM1406 Click to download

File Size   1245.22 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 and 8-Channel EMI Filter Arrays with ESD Protection

CM1406 Datasheet (HTML) - ON Semiconductor


CM1406 Product details

Product Description

The CM1406 is an EMI filter array with ESD protection, which integrates either four or eight pi filters (C-R-C). Each CM1406 filter has component values of 15pF-200W-15pF. These parts include ESD protection diodes on every pin, providing a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).



Features

• Four and eight channels of EMI filtering with ESD protection

• Greater than 30dB of attenuation from 800MHz to 3GHz

• 15kV ESD protection (IEC 61000-4-2, contact discharge)

• 30kV ESD protection (HBM)

• Fabricated with Centurion™ advanced low capacitance zener process technology

• Space saving, low-profile 8 and 16-lead TDFN packages

• Lead-free and RoHS compliant



Applications

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• EMI filtering for LCD, camera and chip-to-chip data lines



 




Similar Part No. - CM1406

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
4 Channel EMI Filter Array with ESD Protection
logo
Chicago Miniature Lamp,...
CM1406 CML-CM1406 Datasheet
227Kb / 1P
G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM1406 VCC-CM1406 Datasheet
27Kb / 1P
Base
logo
California Micro Device...
CM1406-04DE CALMIRCO-CM1406-04DE Datasheet
514Kb / 7P
4 Channel EMI Filter Array with ESD Protection
CM1406-04DF CALMIRCO-CM1406-04DF Datasheet
514Kb / 7P
4 Channel EMI Filter Array with ESD Protection
More results


Similar Description - CM1406

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
4 and 8 Channel EMI Filter Arrays with ESD Protection
CM1436 CALMIRCO-CM1436 Datasheet
1Mb / 13P
4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436 ONSEMI-CM1436 Datasheet
768Kb / 16P
4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
244Kb / 10P
4-Channel EMI Filter Arrays with ESD Protection
June 2010 Rev. 2
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
CM1692-08DE ONSEMI-CM1692-08DE Datasheet
14Kb / 1P
CM1692: Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
CM1692-04DE ONSEMI-CM1692-04DE Datasheet
14Kb / 1P
Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
logo
Vishay Siliconix
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
8-Channel EMI-Filter with ESD-Protection
09-Jan-2019
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
8-Channel EMI-Filter with ESD-Protection
09-Jan-2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com