Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSW5735141R Datasheet (PDF) - OptoSupply International

OSW5735141R Datasheet PDF - OptoSupply International
Part # OSW5735141R
Download  OSW5735141R Download
File Size   136.85 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 5mm Round Pure White LED

OSW5735141R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSW5735141R Datasheet PDF - OptoSupply International

Part # OSW5735141R
Download  OSW5735141R Click to download

File Size   136.85 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 5mm Round Pure White LED

OSW5735141R Datasheet (HTML) - OptoSupply International




Similar Part No. - OSW5735141R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW573A131U OPTOSUPPLY-OSW573A131U Datasheet
138Kb / 1P
Premium Power 10mm Round Pure White LED
OSW573S3C1A OPTOSUPPLY-OSW573S3C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pure White Power Top SMD LED
More results


Similar Description - OSW5735141R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5D35141R OPTOSUPPLY-OSG5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pure Green LED
OSG5XA5141R OPTOSUPPLY-OSG5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Pure Green LED
OSW5D38A61R OPTOSUPPLY-OSW5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Pure White LED
OSW5D35141R OPTOSUPPLY-OSW5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pure White LED
OSW5DA5111A OPTOSUPPLY-OSW5DA5111A Datasheet
99Kb / 1P
5mm Round Pure White LED
OSW5DL5111A OPTOSUPPLY-OSW5DL5111A Datasheet
99Kb / 1P
5mm Round Pure White LED
OSW5XL5141R OPTOSUPPLY-OSW5XL5141R Datasheet
97Kb / 1P
Tpower 5mm Pure White LED
OSG5835141R OPTOSUPPLY-OSG5835141R Datasheet
137Kb / 1P
Tpower 5mm Round Pure Green LED
OSW5DK5111A OPTOSUPPLY-OSW5DK5111A Datasheet
105Kb / 1P
5mm Round Pure White LED
OS4WFL5A31A OPTOSUPPLY-OS4WFL5A31A Datasheet
108Kb / 2P
5mm Round Pure White LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com