Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1409 Datasheet (PDF) - ON Semiconductor

CM1409 Datasheet PDF - ON Semiconductor
Part # CM1409
Download  CM1409 Download
File Size   302.95 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1409 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1409 Datasheet PDF - ON Semiconductor

Part # CM1409
Download  CM1409 Click to download

File Size   302.95 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1409 Datasheet (HTML) - ON Semiconductor


CM1409 Product details

Product Description

The CM1409 is a family of pi-style EMI filter arrays with ESD protection, which integrates either six or eight filters (C-R-C) in a small form factor, TDFN 0.50mm pitch package. The CM1409 has component values of 15pF-100Ω-15pF per channel. The CM1409 has a cut-off frequency of 110MHz and can be used in applications with data rates up to 44Mbps. The parts include ESD diodes on every pin, which provide a very high level of protection for sensitive electronic components against electrostatic discharge (ESD).



Features

• Six or eight channels of EMI filtering with integrated ESD protection

• Pi-style EMI filters in a capacitor-resistor capacitor (C-R-C) network

• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• ± 30kV ESD protection on each channel (HBM)

• Greater than -35dB attenuation (typical) at 1 GHz

• TDFN package with 0.50mm lead pitch:

• 6-ch. = 12-lead TDFN

• 8-ch. = 16-lead TDFN

• Tiny TDFN package size:

• 12-lead: 3.0mm x 1.35mm

• 16-lead: 4.0mm x 1.60mm

• Increased robustness against vertical impacts during manufacturing process

• RoHS-compliant, lead-free finishing



Applications

• LCD and Camera data lines in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• Wireless handsets

• Handheld PCs/PDAs

• LCD and camera modules



 




Similar Part No. - CM1409

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1409-06DE CALMIRCO-CM1409-06DE Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1409-06DF CALMIRCO-CM1409-06DF Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1409-08DE CALMIRCO-CM1409-08DE Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1409-08DF CALMIRCO-CM1409-08DF Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
More results


Similar Description - CM1409

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com