Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1484 Datasheet (PDF) - ON Semiconductor

CM1484 Datasheet PDF - ON Semiconductor
Part # CM1484
Download  CM1484 Download
File Size   235.43 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Channel EMI Filter with ESD Protection

CM1484 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1484 Datasheet PDF - ON Semiconductor

Part # CM1484
Download  CM1484 Click to download

File Size   235.43 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Channel EMI Filter with ESD Protection

CM1484 Datasheet (HTML) - ON Semiconductor


CM1484 Product details

Product Description

The CM1484 is a two channel pi-style EMI filter array with ESD protection, housed in a 5-lead SC- 70 package. The CM1484 has component values of 11pF-100W-11pF per channel. The CM1484 has a cut-off frequency of 220MHz and can be used in applications with data rates up to 80Mbps. The parts include ESD diodes on every pin, which provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).



Features

• Two channels of EMI filtering with integrated ESD protection

• Pi-style EMI filters in a capacitor-resistor capacitor (C-R-C) network

• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• ±30kV ESD protection on each channel (HBM)

• Greater than 20dB attenuation (typical) at 1 GHz

• 5-lead SC70 package

• Lead-free version available



Applications

• LCD and Camera data lines in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• Wireless handsets

• Handheld PCs/PDAs

• LCD and camera modules



 




Similar Part No. - CM1484

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
Dual Channel EMI Filter with ESD Protection
logo
Visual Communications C...
CM1484 VCC-CM1484 Datasheet
46Kb / 1P
Base
logo
California Micro Device...
CM1484-02S7 CALMIRCO-CM1484-02S7 Datasheet
227Kb / 5P
Dual Channel EMI Filter with ESD Protection
More results


Similar Description - CM1484

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
Dual Channel EMI Filter with ESD Protection
CM1485 CALMIRCO-CM1485 Datasheet
235Kb / 6P
Dual Channel EMI Filter with ESD Protection
logo
Vishay Siliconix
VEMI255A-HS3 VISHAY-VEMI255A-HS3 Datasheet
441Kb / 7P
2-channel EMI Filter with ESD-Protection
15-Aug-05
logo
ON Semiconductor
CM1485 ONSEMI-CM1485 Datasheet
175Kb / 8P
Dual Channel EMI Filter with ESD Protection
May 2010 ??Rev. 2
logo
Vishay Siliconix
VEMI45AA-HNH VISHAY-VEMI45AA-HNH Datasheet
100Kb / 6P
4-Channel EMI-Filter with ESD-Protection
18-May-10
VEMI353A-HAF VISHAY-VEMI353A-HAF Datasheet
106Kb / 6P
3-Channel EMI-Filter with ESD-Protection
21-Apr-10
VEMI65AC-HCI-GS08 VISHAY-VEMI65AC-HCI-GS08 Datasheet
110Kb / 6P
6-Channel EMI-Filter with ESD-Protection
08-Aug-12
VEMI45AB-HNH VISHAY-VEMI45AB-HNH_V01 Datasheet
118Kb / 6P
4-Channel EMI-Filter with ESD-Protection
09-Jan-2019
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
8-Channel EMI-Filter with ESD-Protection
09-Jan-2019
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
8-Channel EMI-Filter with ESD-Protection
09-Jan-2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com