Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV4-1A Datasheet (PDF) - Tyco Electronics

EV4-1A Datasheet PDF - Tyco Electronics
Part # EV4-1A
Download  EV4-1A Download
File Size   261.97 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 320 Vdc, 4 amp make/carry

EV4-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
EV4-1A Datasheet PDF - Tyco Electronics

Part # EV4-1A
Download  EV4-1A Click to download

File Size   261.97 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 320 Vdc, 4 amp make/carry

EV4-1A Datasheet (HTML) - Tyco Electronics




Similar Part No. - EV4-1A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4000DS-00D MPS-EV4000DS-00D Datasheet
381Kb / 6P
350mA Off-Line WLED Driver Evalvation Board For 90-140VAC Input
EV4008-S-00A MPS-EV4008-S-00A Datasheet
509Kb / 7P
High-Brightness High-Current Accuracy WLED Controller
logo
BELIMO AIRCONTROLS (USA...
EV400SU-317 BELIMO-EV400SU-317 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV400SU-317-250 BELIMO-EV400SU-317-250 Datasheet
740Kb / 4P
chilled or hot water, up to 60% glycol max (open loop/steam not allowed
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
More results


Similar Description - EV4-1A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS283 NSC-54LS283 Datasheet
158Kb / 8P
4-Bit Binary Adders with Fast Carry
logo
NXP Semiconductors
74HC583 PHILIPS-74HC583 Datasheet
70Kb / 13P
4-bit full adder with fast carry
1998 Mar 31
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
4-Bit Binary Adder with Fast Carry
DM74LS83A FAIRCHILD-DM74LS83A Datasheet
51Kb / 5P
4-Bit Binary Adder with Fast Carry
logo
National Semiconductor ...
54LS83A NSC-54LS83A Datasheet
108Kb / 4P
4-BIT BINARY ADDERS WITH FAST CARRY
MM54HC283 NSC-MM54HC283 Datasheet
127Kb / 6P
4-Bit Binary Adder with Fast Carry
logo
TRANSYS Electronics Lim...
IRK320-04 TEL-IRK320-04 Datasheet
185Kb / 1P
Power Module 320 Amp
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283_98 Datasheet
201Kb / 8P
4-Bit Binary Adders with Fast Carry
logo
WAGO Kontakttechnik Gmb...
2042-3024 WAGO-2042-3024 Datasheet
137Kb / 7P
Relay module; Nominal input voltage: 24 VDC; 4 make contacts; Limiting
788-355 WAGO-788-355 Datasheet
290Kb / 9P
Relay module; Nominal input voltage: 24 VDC; 1 make contact
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com