Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1624 Datasheet (PDF) - ON Semiconductor

CM1624 Datasheet PDF - ON Semiconductor
Part # CM1624
Download  CM1624 Download
File Size   772.58 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian III EMI Filter for T-Flash/MicroSD Interfaces

CM1624 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1624 Datasheet PDF - ON Semiconductor

Part # CM1624
Download  CM1624 Click to download

File Size   772.58 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian III EMI Filter for T-Flash/MicroSD Interfaces

CM1624 Datasheet (HTML) - ON Semiconductor


CM1624 Product details

Description

The CM1624 is a combination EMI filter and line termination device with integrated TVS diodes for use on Multimedia Card interfaces. This state-of-the-art device utilizes solid-state, silicon-avalanche technology for superior clamping performance and DC electrical characteristics. The CM1624 has been optimized for protection of T-Flash/MicroSD interfaces incellular phones and other portable electronics.

The CM1624 consists of six circuits that includes series impedance matching resistors and pull-up resistors as required by the SD specification. TVS diodes are included on each line for ESD protection. An additional TVS diode connection is included for protection of the voltage (Vcc) bus. Termination resistor value of 40Ωis provided on the SDData0, SDData1, SDData2, SDData3, CMD, and CLK lines.



Features

•  Bidirectional EMI/RFI filtering and line termination with integrated ESD protection

•  Provides ESD protection to IEC61000-4-2:

•  ±15kV contact discharge

•  TVS working voltage: 5V

•  Termination resistors: 40Ω

•  Pull-up resistors: 25kΩ

•  Typical capacitance per line: 12pF (VIN = 2.5V)

•  Protection and termination for six lines + Vcc

•  Solid-state technology



Applications

•  T-Flash / MicroSD interfaces

•  MMC interfaces

•  CDMA, GSM, 3G cell phones




Similar Part No. - CM1624

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1624 ONSEMI-CM1624 Datasheet
690Kb / 7P
EMI Filter for T-Flash / MicroSD Interfaces
April, 2013 ??Rev. 3
CM1624-08DE ONSEMI-CM1624-08DE Datasheet
690Kb / 7P
EMI Filter for T-Flash / MicroSD Interfaces
April, 2013 ??Rev. 3
CM1624 ONSEMI-CM1624_13 Datasheet
690Kb / 7P
EMI Filter for T-Flash / MicroSD Interfaces
April, 2013 ??Rev. 3
More results


Similar Description - CM1624

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
ON Semiconductor
CM1419-02CP ONSEMI-CM1419-02CP Datasheet
291Kb / 6P
Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
March, 2011 ??Rev. 4
EMI6316FCTBG ONSEMI-EMI6316FCTBG Datasheet
190Kb / 6P
EMI Filter with ESD Protection for MicroSD Card Applications
September, 2012 ??Rev. 1
EMI9106 ONSEMI-EMI9106 Datasheet
114Kb / 5P
EMI Filter for MicroSD Interfaces
December, 2013 ??Rev. 0
CM1624 ONSEMI-CM1624_13 Datasheet
690Kb / 7P
EMI Filter for T-Flash / MicroSD Interfaces
April, 2013 ??Rev. 3
logo
Semtech Corporation
ECLAMP2410PQ SEMTECH-ECLAMP2410PQ Datasheet
187Kb / 10P
ESD Protection Device for T-Flash/MicroSD Interfaces
ECLAMP2515K SEMTECH-ECLAMP2515K Datasheet
199Kb / 8P
ESD Protection Device for T-Flash/MicroSD Interfaces
logo
Nexperia B.V. All right...
IP4340CX15 NEXPERIA-IP4340CX15 Datasheet
343Kb / 15P
6-channel filter for ESD protection of microSD memory card interfaces
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com