Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1690 Datasheet (PDF) - ON Semiconductor

CM1690 Datasheet PDF - ON Semiconductor
Part # CM1690
Download  CM1690 Download
File Size   262.24 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection

CM1690 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1690 Datasheet PDF - ON Semiconductor

Part # CM1690
Download  CM1690 Click to download

File Size   262.24 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection

CM1690 Datasheet (HTML) - ON Semiconductor


CM1690 Product details

Product Description
California Micro Devices’ CM1690 is a family of pi-style EMI filter arrays with ESD protection, which integrates four, six and eight filters (C-L-C) in small form factor uDFN 0.40mm pitch packages. Each EMI filter channel of the CM1690 is implemented as a 3-pole L-C filter where the component values are 16pF-12nH-16pF.

Features
• Four, six and eight channels of EMI filtering with integrated ESD protection
• Pi-style EMI filters in a capacitor-inductor-capacitor (C-L-C) network
• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)
• ±30kV ESD protection on each channel (HBM)
• Greater than -35dB attenuation (typical) at 1GHz
• 0.5mm thick uDFN package with 0.40mm lead pitch:
    • 4-channel = 8-lead uDFN
    • 6-channel = 12-lead uDFN
    • 8-channel = 16-lead uDFN
• Tiny uDFN package size:
    • 8-lead: 1.70mm x 1.35mm
    • 12-lead: 2.50mm x 1.35mm
    • 16-lead: 3.30mm x 1.35mm
• Lead-free packaging

Applications
• LCD and camera data lines in mobile handsets
• Wireless handsets
• LCD and camera modules




Similar Part No. - CM1690

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1690 CALMIRCO-CM1690 Datasheet
150Kb / 7P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection in Ultra-Thin uDFN Packages
CM1690-04DE CALMIRCO-CM1690-04DE Datasheet
150Kb / 7P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection in Ultra-Thin uDFN Packages
CM1690-06DE CALMIRCO-CM1690-06DE Datasheet
150Kb / 7P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection in Ultra-Thin uDFN Packages
CM1690-08DE CALMIRCO-CM1690-08DE Datasheet
150Kb / 7P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection in Ultra-Thin uDFN Packages
More results


Similar Description - CM1690

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1460 ONSEMI-CM1460 Datasheet
1Mb / 19P
Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1461 ONSEMI-CM1461 Datasheet
1Mb / 18P
Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1693-06DE ONSEMI-CM1693-06DE Datasheet
143Kb / 6P
Praetorian L-C LCD and Camera EMI Array with ESD Protection
March 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1693-04DE ONSEMI-CM1693-04DE Datasheet
178Kb / 8P
L-C LCD and Camera EMI Filter Array with ESD Protection
May, 2013 ??Rev. 3
EMI9406 ONSEMI-EMI9406 Datasheet
214Kb / 6P
PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
December, 2011 ??Rev. 0
EMI9408 ONSEMI-EMI9408 Datasheet
211Kb / 5P
PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
CM2006 ONSEMI-CM2006_16 Datasheet
94Kb / 6P
L-C LCD and Camera EMI Filter Array with ESD Protection
January, 2016 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com