Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM2030 Datasheet (PDF) - ON Semiconductor

CM2030 Datasheet PDF - ON Semiconductor
Part # CM2030
Download  CM2030 Download
File Size   314.28 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HDMI Receiver Port Protection and Interface Device

CM2030 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM2030 Datasheet PDF - ON Semiconductor

Part # CM2030
Download  CM2030 Click to download

File Size   314.28 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HDMI Receiver Port Protection and Interface Device

CM2030 Datasheet (HTML) - ON Semiconductor


CM2030 Product details

Product Description
The CM2030 HDMI Transmitter Port Protection and Interface Device is specifically designed for next generation HDMI Host interface protection.
An integrated package provides all ESD, slew rate limiting on CEC line, level shifting/isolation, overcurrent output protection and backdrive protection for an HDMI port in a single 38-pin TSSOP package.

Features
• HDMI 1.3 compliant
• Supports thin dielectric and 2-layer boards
• Minimizes TMDS skew with 0.05pF matching
• Long HDMI cable support with integrated I2C accelerator
• Active termination and slew rate limiting for CEC
• Supports direct connection to CEC microcontroller
• Integrated I2C level shifting to CMOS level including low logic level voltages
• Integrated 8kV ESD protection and backdrive protection on all external I/O lines
• Integrated overcurrent output protection per HDMI 1.3
• Multiport I2C support eliminates need for analog mux on DDC lines
• Simplified layout with matched 0.5mm trace spacing
• RoHS-compliant, lead-free packaging

Applications
• PC and consumer electronics
• Set top box, DVD RW, PC, graphics cards




Similar Part No. - CM2030

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
HDMI Transmitter Port Protection and Interface Device
CM2030-A0TR CALMIRCO-CM2030-A0TR Datasheet
585Kb / 14P
HDMI Transmitter Port Protection and Interface Device
logo
List of Unclassifed Man...
CM203026 ETC-CM203026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM203060 ETC-CM203060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Similar Description - CM2030

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
HDMI Receiver Port Protection and Interface Device
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
HDMI Receiver Port Protection and Interface Device
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
Texas Instruments
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com