Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV301 Datasheet (PDF) - ON Semiconductor

LMV301 Datasheet PDF - ON Semiconductor
Part # LMV301
Download  LMV301 Download
File Size   189.19 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Bias Current, 1.8V to 5V Single-Supply, Rail-to-Rail Operational Amplifier

LMV301 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV301 Datasheet PDF - ON Semiconductor

Part # LMV301
Download  LMV301 Click to download

File Size   189.19 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Bias Current, 1.8V to 5V Single-Supply, Rail-to-Rail Operational Amplifier

LMV301 Datasheet (HTML) - ON Semiconductor


LMV301 Product details

The LMV301 CMOS operational amplifier can operate over a power supply range from 1.8 V to 5 V and has a quiescent current of less than 200 A, maximum, making it ideal for portable battery−operated applications such as notebook computers, PDA’s and medical equipment. Low input bias current and high input impedance make it highly tolerant of high source−impedance signal−sources such as photodiodes and pH probes. In addition, the LMV301’s excellent rail−to−rail performance will enhance the signal−to−noise performance of any application together with an output stage capable of easily driving a 600 resistive load and up to 1000 pF capacitive load. The LMV301 comes in the space saving 5−pin SC−70 package with an industry−standard pinout, giving it both equivalent function and similar performance to competitive devices.



Features

•Single Supply Operation (or VS/2)

•VS from 1.8 V to 5 V

•Low Quiescent Current: 185 A, Max with VS= 1.8 V

•Rail−to−Rail Output Swing

•Low Bias Current: 35 pA, max

•Space Saving SC70−5 Package

•No Output Phase−Reversal when the Inputs are Overdriven

•These are Pb−Free Devices



Typical Applications

•Portable Battery−Powered Instruments

•Notebook Computers and PDAs

•Cell Phones and Mobile Communication

•Digital Cameras

•Photodiode Amplifiers

•Transducer Amplifiers

•Medical Instrumentation

•Consumer Products




Similar Part No. - LMV301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Unisonic Technologies
LMV3011G-AG6-R UTC-LMV3011G-AG6-R Datasheet
152Kb / 5P
Voltage reference initial accuracy
LMV3012G-AG6-R UTC-LMV3012G-AG6-R Datasheet
159Kb / 6P
Reference output current
More results


Similar Description - LMV301

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com