Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV981 Datasheet (PDF) - ON Semiconductor

LMV981 Datasheet PDF - ON Semiconductor
Part # LMV981
Download  LMV981 Download
File Size   445.79 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown

LMV981 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV981 Datasheet PDF - ON Semiconductor

Part # LMV981
Download  LMV981 Click to download

File Size   445.79 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown

LMV981 Datasheet (HTML) - ON Semiconductor


LMV981 Product details

Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown

The LMV981 Single and LMV982 Dual are low−voltage operational amplifiers which can operate on single−sided power supplies (1.8 V to 5.0 V) with rail−to−rail input and output swing. Both devices come in small state−of−the−art packages and require very low quiescent current making them ideal for battery−operated, portable applications such as notebook computers and hand−held instruments. Rail−to−Rail operation allows for optimal signal−to−noise applications plus the small packages allow for closer placement to signal sources further enhancing overall signal chain performance.

Features
• Specified at Single−Sided Power Supply: 1.8 V, 2.7 V, and 5 V
• Small Packages:
    LMV981 in a SC−70 and uLLGA (1.5mm x 1.5mm x 0.4mm)
    LMV982 in a Micro10 and uQFN (1.4mm x 1.8mm x 0.6 mm)
• No Output Crossover Distortion
• Extended Industrial Temperature Range: −40°C to +125°C
• Low Quiescent Current 210 A, max per channel
• No Output Phase−Reversal from Overdriven Input
• These are Pb−Free Devices

Typical Applications
• Notebook Computers, Portable Battery−Operated Instruments, PDA’s
• Active Filters, Supply−Current Monitoring




Similar Part No. - LMV981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981 TI-LMV981 Datasheet
611Kb / 22P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981 TI1-LMV981 Datasheet
1Mb / 26P
LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
387Kb / 21P
Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
More results


Similar Description - LMV981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV981 TI-LMV981 Datasheet
611Kb / 22P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Texas Instruments
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
ON Semiconductor
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com