Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DR2G Datasheet (PDF) - ON Semiconductor

LMV393DR2G Datasheet PDF - ON Semiconductor
Part # LMV393DR2G
Download  LMV393DR2G Download
File Size   916.95 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single, Dual, Quad General Purpose, Low Voltage Comparators

LMV393DR2G Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV393DR2G Datasheet PDF - ON Semiconductor

Part # LMV393DR2G
Download  LMV393DR2G Click to download

File Size   916.95 Kbytes
Page   21 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single, Dual, Quad General Purpose, Low Voltage Comparators

LMV393DR2G Datasheet (HTML) - ON Semiconductor


LMV393DR2G Product details

The LMV331 is a CMOS single channel, general purpose, low voltage comparator. The LMV393 and LMV339 are dual and quad channel versions, respectively. The LMV331/393/339 are specified for 2.7 V to 5 V performance, have excellent input common−mode range, low quiescent current, and are available in several space saving packages.



Features

• Guaranteed 2.7 V and 5 V Performance

• Input Common−mode Voltage Range Extends to Ground

• Open Drain Output for Wired−OR Applications

• Low Quiescent Current: 60 A/channel TYP @ 5 V

• Low Saturation Voltage 200 mV TYP @ 5 V

• Propagation Delay 200 ns TYP @ 5 V

• NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable

• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant



Typical Applications

• Battery Monitors

• Notebooks and PDA’s

• General Purpose Portable Devices

• General Purpose Low Voltage Applications




Similar Part No. - LMV393DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV393DR2G ONSEMI-LMV393DR2G Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV393DR2G ONSEMI-LMV393DR2G Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
logo
TECH PUBLIC Electronics...
LMV393DR2G TECHPUBLIC-LMV393DR2G Datasheet
3Mb / 6P
General-Purpose Low-Voltage Open-Drain Output Comparator
More results


Similar Description - LMV393DR2G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
logo
ams AG
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
Low-Voltage Single/Dual/Quad Comparators
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
ams AG
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
Low-Voltage Single/Dual/Quad Comparators
logo
Texas Instruments
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
Quad General-purpose Low-voltage Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com