Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1635 Datasheet (PDF) - ON Semiconductor

MBR1635 Datasheet PDF - ON Semiconductor
Part # MBR1635
Download  MBR1635 Download
File Size   107.1 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Power Rectifiers16 A, 35 and 45 V

MBR1635 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1635 Datasheet PDF - ON Semiconductor

Part # MBR1635
Download  MBR1635 Click to download

File Size   107.1 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Power Rectifiers16 A, 35 and 45 V

MBR1635 Datasheet (HTML) - ON Semiconductor


MBR1635 Product details

SWITCHMODE™ Power Rectifiers 16 A, 35 and 45 V

These state−of−the−art devices use the Schottky Barrier principle with a platinum barrier metal.

Features
• Guard−ring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• Pb−Free Packages are Available




Similar Part No. - MBR1635

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1635 MOTOROLA-MBR1635 Datasheet
80Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1635 FAIRCHILD-MBR1635 Datasheet
36Kb / 3P
16 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635 Datasheet
65Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Micro Commercial Compon...
MBR1635 MCC-MBR1635 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
GOOD-ARK Electronics
MBR1635 GOOD-ARK-MBR1635 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
More results


Similar Description - MBR1635

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR40H100WT ONSEMI-MBR40H100WT_06 Datasheet
109Kb / 6P
SWITCHMODE Power Rectifier100 V, 40 A
August, 2006 ??Rev. 1
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com