Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B20200 Datasheet (PDF) - ON Semiconductor

B20200 Datasheet PDF - ON Semiconductor
Part # B20200
Download  B20200 Download
File Size   101.43 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Schottky Power Rectifier

B20200 Datasheet (PDF)

Go To PDF Page Download Datasheet
B20200 Datasheet PDF - ON Semiconductor

Part # B20200
Download  B20200 Click to download

File Size   101.43 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODE Schottky Power Rectifier

B20200 Datasheet (HTML) - ON Semiconductor


B20200 Product details

The SWITCHMODE Power Rectifier employs the Schottky Barrier principle in a large area metal–to–silicon power diode. State–of–the–art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for use as rectifiers in very low–voltage, high–frequency switching power supplies, free wheeling diodes and polarity protection diodes.

• Highly Stable Oxide Passivated Junction

• Very Low Forward Voltage Drop

• Matched Dual Die Construction

• High Junction Temperature Capability

• High dv/dt Capability

• Excellent Ability to Withstand Reverse Avalanche Energy Transients

• Guardring for Stress Protection

• Epoxy Meets UL94, VO at 1/8″

• Electrically Isolated. No Isolation Hardware Required.

• UL Recognized File #E69369



Mechanical Characteristics

• Case: Epoxy, Molded

• Weight: 1.9 grams (approximately)

• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable

• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds

• Shipped 50 units per plastic tube

• Marking: B20200




Similar Part No. - B20200

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
B20200G THINKISEMI-B20200G Datasheet
778Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Schottky Barrier Rectifiers
More results


Similar Description - B20200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRD5H100T4G_0712 ONSEMI-MBRD5H100T4G_0712 Datasheet
77Kb / 5P
SWITCHMODE Schottky Power Rectifier
December, 2007 - Rev. 2
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
MBRF20100CT ONSEMI-MBRF20100CT Datasheet
79Kb / 4P
SWITCHMODE Schottky Power Rectifier
June, 2007 - Rev. 7
MBRD5H100T4G ONSEMI-MBRD5H100T4G_10 Datasheet
102Kb / 5P
SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 3
NRVBD1035CTL ONSEMI-NRVBD1035CTL Datasheet
115Kb / 6P
SWITCHMODE Schottky Power Rectifier
June, 2011 ??Rev. 0
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com