Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4001 Datasheet (PDF) - Gulf Semiconductor

1N4001 Datasheet PDF - Gulf Semiconductor
Part # 1N4001
Download  1N4001 Download
File Size   102.38 Kbytes
Page   3 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A

1N4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4001 Datasheet PDF - Gulf Semiconductor

Part # 1N4001
Download  1N4001 Click to download

File Size   102.38 Kbytes
Page   3 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A

1N4001 Datasheet (HTML) - Gulf Semiconductor


1N4001 Product details

VOLTAGE: 50 TO 1000V CURRENT: 1.0A

FEATURE
   Molded case feature for auto insertion
   High current capability
   Low leakage current
   High surge capability
   High temperature soldering guaranteed
   250°C/10sec/0.375”lead length at 5 lbs tension




Similar Part No. - 1N4001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4001 PHILIPS-1N4001 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4001 SURGE-1N4001 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4001 TRSYS-1N4001 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4001 WTE-1N4001 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results


Similar Description - 1N4001

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N5400 GULFSEMI-1N5400 Datasheet
163Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
P600A GULFSEMI-P600A Datasheet
180Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RL201 GULFSEMI-RL201 Datasheet
609Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT; 2.0A
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com