Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV95A Datasheet (PDF) - Gulf Semiconductor

BYV95A Datasheet PDF - Gulf Semiconductor
Part # BYV95A
Download  BYV95A Download
File Size   73.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A

BYV95A Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV95A Datasheet PDF - Gulf Semiconductor

Part # BYV95A
Download  BYV95A Click to download

File Size   73.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A

BYV95A Datasheet (HTML) - Gulf Semiconductor


BYV95A Product details

VOLTAGE: 200V

CURRENT: 1.5A



FEATURE

Glass passivated

High maximum operating temperature

Low leakage current

Excellent stability

Guaranteed avalanche energy absorption capability




Similar Part No. - BYV95A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95A PHILIPS-BYV95A Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYV95A EIC-BYV95A Datasheet
19Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
General Semiconductor
BYV95A GE-BYV95A Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV95A BILIN-BYV95A Datasheet
66Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV95A SYNSEMI-BYV95A Datasheet
33Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
More results


Similar Description - BYV95A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYV26F GULFSEMI-BYV26F Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?200V CURRENT: 1.05A
BYV36A GULFSEMI-BYV36A Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.6A
BYV36D GULFSEMI-BYV36D Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 1.5A
BYV36E GULFSEMI-BYV36E Datasheet
74Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
BYV36G GULFSEMI-BYV36G Datasheet
74Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 1.5A
BYV95B GULFSEMI-BYV95B Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.5A
BYV95C GULFSEMI-BYV95C Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
BYV95-0 GULFSEMI-BYV95-0 Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600 TO 1000V CURRENT: 1.5A
G1.5M GULFSEMI-G1.5M Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
RG1.5J GULFSEMI-RG1.5J Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com