Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW96D Datasheet (PDF) - Gulf Semiconductor

BYW96D Datasheet PDF - Gulf Semiconductor
Part # BYW96D
Download  BYW96D Download
File Size   120.74 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 3.0A

BYW96D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW96D Datasheet PDF - Gulf Semiconductor

Part # BYW96D
Download  BYW96D Click to download

File Size   120.74 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 3.0A

BYW96D Datasheet (HTML) - Gulf Semiconductor


BYW96D Product details

SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER

VOLTAGE:800 TO 1000V CURRENT: 3.0A



FEATURE

High temperature metallurgic ally bonded construction

Sintered glass cavity free junction

Capability of meeting environmental standard of MIL-S-19500

High temperature soldering guaranteed

350°C /10sec/0.375”lead length at 5 lbs tension

Operate at Ta =55°C with no thermal run away Typical Ir<0.1µA



 




Similar Part No. - BYW96D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW96D PHILIPS-BYW96D Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
Galaxy Semi-Conductor H...
BYW96D BILIN-BYW96D Datasheet
58Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYW96D SYNSEMI-BYW96D Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW96D EIC-BYW96D Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Frontier Electronics.
BYW96DP FRONTIER-BYW96DP Datasheet
124Kb / 2P
3A FAST RECOVERY PLASTIC RECTIFIER
More results


Similar Description - BYW96D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
BYM36AGP GULFSEMI-BYM36AGP Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 3.0A
BYT56AGP GULFSEMI-BYT56AGP Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
BYV96DGP GULFSEMI-BYV96DGP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 1.5A
BYW82GP GULFSEMI-BYW82GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 3.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GUF30A GULFSEMI-GUF30A Datasheet
126Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RGP30A GULFSEMI-RGP30A Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com