Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERP16K Datasheet (PDF) - Gulf Semiconductor

FERP16K Datasheet PDF - Gulf Semiconductor
Part # FERP16K
Download  FERP16K Download
File Size   75.69 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:16.0A

FERP16K Datasheet (PDF)

Go To PDF Page Download Datasheet
FERP16K Datasheet PDF - Gulf Semiconductor

Part # FERP16K
Download  FERP16K Click to download

File Size   75.69 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:16.0A

FERP16K Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - FERP16K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERP16J GULFSEMI-FERP16J Datasheet
78Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:16.0A
More results


Similar Description - FERP16K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERA16G GULFSEMI-FERA16G Datasheet
93Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 16.0A
FERA16J GULFSEMI-FERA16J Datasheet
91Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:16.0A
FERP16J GULFSEMI-FERP16J Datasheet
78Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:16.0A
UERA16D GULFSEMI-UERA16D Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:16.0A
UERA16G GULFSEMI-UERA16G Datasheet
102Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:16.0A
UERP16D GULFSEMI-UERP16D Datasheet
99Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:16.0A
UERP16DR GULFSEMI-UERP16DR Datasheet
97Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:16.0A
UESA16G GULFSEMI-UESA16G Datasheet
88Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:16.0A
UGRA16D GULFSEMI-UGRA16D Datasheet
177Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
UGRB16D GULFSEMI-UGRB16D Datasheet
207Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com