Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB2520 Datasheet (PDF) - Gulf Semiconductor

GSIB2520 Datasheet PDF - Gulf Semiconductor
Part # GSIB2520
Download  GSIB2520 Download
File Size   143.57 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A

GSIB2520 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSIB2520 Datasheet PDF - Gulf Semiconductor

Part # GSIB2520
Download  GSIB2520 Click to download

File Size   143.57 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A

GSIB2520 Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - GSIB2520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB2520 VISHAY-GSIB2520 Datasheet
103Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
GSIB2520 VISHAY-GSIB2520 Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
GSIB2520 VISHAY-GSIB2520 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2520-E3/45 VISHAY-GSIB2520-E3/45 Datasheet
67Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
13-Jun-14
More results


Similar Description - GSIB2520

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GBU8A GULFSEMI-GBU8A Datasheet
162Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB2560-E GULFSEMI-GSIB2560-E Datasheet
143Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V to 1000V Current: 25.0A
GSIB605 GULFSEMI-GSIB605 Datasheet
129Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
KBPC25005 GULFSEMI-KBPC25005 Datasheet
662Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 25.0A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com