Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR130 Datasheet (PDF) - Gulf Semiconductor

MUR130 Datasheet PDF - Gulf Semiconductor
Part # MUR130
Download  MUR130 Download
File Size   97.28 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

MUR130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR130 Datasheet PDF - Gulf Semiconductor

Part # MUR130
Download  MUR130 Click to download

File Size   97.28 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A

MUR130 Datasheet (HTML) - Gulf Semiconductor


MUR130 Product details

VOLTAGE:50 TO 600V CURRENT: 1.0A

FEATURE
   Ultrafast Nanosecond Recovery Times
   150°C Operating Junction Temperature
   Low Forward Voltage
   Low Leakage Current
   High Temperature Glass Passivated Junction




Similar Part No. - MUR130

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR130 JGD-MUR130 Datasheet
148Kb / 2P
1.0 AMPS. ULTRA FAST RECTIFIERS
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
79Kb / 6P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
MUR130 ONSEMI-MUR130 Datasheet
68Kb / 7P
SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
logo
Diotec Semiconductor
MUR130 DIOTEC-MUR130 Datasheet
102Kb / 2P
Superfast Effcient Si-Rectifier Diodes
logo
Galaxy Semi-Conductor H...
MUR130 BILIN-MUR130 Datasheet
57Kb / 3P
SUPER FAST RECTIFIER
More results


Similar Description - MUR130

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1EDG GULFSEMI-1EDG Datasheet
74Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
10ERB20DG GULFSEMI-10ERB20DG Datasheet
171Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
MUR180 GULFSEMI-MUR180 Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT:1.0A
MURS105 GULFSEMI-MURS105 Datasheet
134Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MURS180-A GULFSEMI-MURS180-A Datasheet
114Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
SSF1AG GULFSEMI-SSF1AG Datasheet
104Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 1.0A
SSF1JG GULFSEMI-SSF1JG Datasheet
101Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
SSF1KG GULFSEMI-SSF1KG Datasheet
100Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
SSF3JG GULFSEMI-SSF3JG Datasheet
71Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
SSF6AG GULFSEMI-SSF6AG Datasheet
80Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 600V CURRENT: 6.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com