Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP1H Datasheet (PDF) - Gulf Semiconductor

RP1H Datasheet PDF - Gulf Semiconductor
Part # RP1H
Download  RP1H Download
File Size   90.47 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A

RP1H Datasheet (PDF)

Go To PDF Page Download Datasheet
RP1H Datasheet PDF - Gulf Semiconductor

Part # RP1H
Download  RP1H Click to download

File Size   90.47 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A

RP1H Datasheet (HTML) - Gulf Semiconductor


RP1H Product details

VOLTAGE: 2000V CURRENT: 0.25A

FEATURE
   High temperature metallurgically bonded construction
   Sintered glass cavity free junction
   Capability of meeting environmental standard of
   MIL-S-19500
   High temperature soldering guaranteed
   350°C/10sec/0.375”lead length at 5 lbs tension
   Operate at Ta =55°C with no thermal run away
   Typical Ir<0.5µA

MECHANICAL DATA
   Terminal: Plated axial leads solderable per
      MIL-STD 202E, method 208C
   Case: Molded with UL-94 Class V-0 recognized Flame
      Retardant Epoxy
   Polarity: color band denotes cathode
   Mounting position: any




Similar Part No. - RP1H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Sanken electric
RP1H SANKEN-RP1H Datasheet
214Kb / 3P
Silicon Diode
logo
SUNMATE electronic Co.,...
RP1H SUNMATE-RP1H Datasheet
294Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
RP1H LUGUANG-RP1H Datasheet
1Mb / 2P
High Efficiency Rectifier
More results


Similar Description - RP1H

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
GUF02-12E GULFSEMI-GUF02-12E Datasheet
91Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200 TO 2000V CURRENT: 0.25A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RGP02-12E GULFSEMI-RGP02-12E Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200 TO 2000V CURRENT: 0.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RGP40M GULFSEMI-RGP40M Datasheet
100Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 4.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
RU2KGF GULFSEMI-RU2KGF Datasheet
224Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800V CURRENT: 1.0A
RU4TGR GULFSEMI-RU4TGR Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com