Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU2AGF Datasheet (PDF) - Gulf Semiconductor

RU2AGF Datasheet PDF - Gulf Semiconductor
Part # RU2AGF
Download  RU2AGF Download
File Size   99.12 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A

RU2AGF Datasheet (PDF)

Go To PDF Page Download Datasheet
RU2AGF Datasheet PDF - Gulf Semiconductor

Part # RU2AGF
Download  RU2AGF Click to download

File Size   99.12 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A

RU2AGF Datasheet (HTML) - Gulf Semiconductor


RU2AGF Product details

FEATURE
    High temperature metallurgically bonded construction
    Sintered glass cavity free junction
    Capability of meeting environmental standard of MIL-S-19500
    High temperature soldering guaranteed
    350°C /10sec/0.375”lead length at 5 lbs tension
    Operate at Ta =55°C with no thermal run away
    Typical Ir<0.2µA
    Low power loss, high efficient




Similar Part No. - RU2AGF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RU2AG GULFSEMI-RU2AG Datasheet
107Kb / 2P
FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results


Similar Description - RU2AGF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
BYV26EAGP GULFSEMI-BYV26EAGP Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
BYV36AGP GULFSEMI-BYV36AGP Datasheet
231Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00 - 1000V CURRENT: 1.5A
BYV96DGP GULFSEMI-BYV96DGP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 1.5A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUF15A GULFSEMI-GUF15A Datasheet
104Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RGP15A GULFSEMI-RGP15A Datasheet
135Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU3JGF GULFSEMI-RU3JGF Datasheet
143Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com