Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002DW Datasheet (PDF) - Micro Commercial Components

2N7002DW Datasheet PDF - Micro Commercial Components
Part # 2N7002DW
Download  2N7002DW Download
File Size   102.89 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel MOSFET

2N7002DW Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002DW Datasheet PDF - Micro Commercial Components

Part # 2N7002DW
Download  2N7002DW Click to download

File Size   102.89 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel MOSFET

2N7002DW Datasheet (HTML) - Micro Commercial Components


2N7002DW Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• High density cell design for low RDS(ON)
• Rugged and reliable
• Voltage controlled small signal switch
• Operating Junction Temperature: -55 to +150°C
• Storage Temperature: -55 to +150°C
• Marking: K72




Similar Part No. - 2N7002DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW Datasheet
66Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 2P-1
logo
Weitron Technology
2N7002DW WEITRON-2N7002DW Datasheet
77Kb / 3P
Dual N-Channel MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW Datasheet
164Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 8 - 2
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW Datasheet
172Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
More results


Similar Description - 2N7002DW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com