Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ23C15 Datasheet (PDF) - Micro Commercial Components

AZ23C15 Datasheet PDF - Micro Commercial Components
Part # AZ23C15
Download  AZ23C15 Download
File Size   139.79 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 300 mW Zener Diode 2.7 to 51 Volts

AZ23C15 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ23C15 Datasheet PDF - Micro Commercial Components

Part # AZ23C15
Download  AZ23C15 Click to download

File Size   139.79 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 300 mW Zener Diode 2.7 to 51 Volts

AZ23C15 Datasheet (HTML) - Micro Commercial Components


AZ23C15 Product details

Features
• Dual zeners in common anode configuration.
• 300mW power dissipation rating.
• Ideally suited for automatic insertion.
• △vz for both diodes in one case is ≤ 5%.
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - AZ23C15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C15 VISHAY-AZ23C15 Datasheet
54Kb / 4P
300 mW Dual Surface Mount Zener Diodes
01-Apr-99
logo
Diodes Incorporated
AZ23C15 DIODES-AZ23C15 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
AZ23C15 DIODES-AZ23C15 Datasheet
448Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Taiwan Semiconductor Co...
AZ23C15 TSC-AZ23C15 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
logo
Pan Jit International I...
AZ23C15 PANJIT-AZ23C15 Datasheet
170Kb / 4P
DUAL SURFACE MOUNT ZENER DIODES
More results


Similar Description - AZ23C15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DZ23C2V4 MCC-DZ23C2V4_09 Datasheet
131Kb / 4P
300 mW Zener Diode 2.4 to 75 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
5 Watt Zener Diode 5.1 to 51 Volts
AZ23C2V7W MCC-AZ23C2V7W_13 Datasheet
273Kb / 3P
200 mW Zener Diode 2.7 to 39 Volts
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
400 mW Zener Diode 3.0 to 51 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
500 mW Zener Diode 2.4 to 51 Volts
BZT52C2V7L3P MCC-BZT52C2V7L3P Datasheet
530Kb / 4P
100 mW Zener Diode 2.7 to 39 Volts
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
300 mW Zener Diode 2.4 to 75 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
350 mW Zener Diode 4.3 to 51 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5229C MCC-MMXZ5229C Datasheet
376Kb / 4P
200 mW Zener Diode 4.3 to 51 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com