Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB15 Datasheet (PDF) - Gulf Semiconductor

SB15 Datasheet PDF - Gulf Semiconductor
Part # SB15
Download  SB15 Download
File Size   207.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A

SB15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB15 Datasheet PDF - Gulf Semiconductor

Part # SB15
Download  SB15 Click to download

File Size   207.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A

SB15 Datasheet (HTML) - Gulf Semiconductor


SB15 Product details

VOLTAGE:20 TO 60V CURRENT: 1.0A

FEATURE
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
   For surface mounted applications
   Low profile package
   Built-in strain relief
   Low power loss, high efficiency
   High current capability, low forward voltage drop
   High surge capability
   For use in low voltage high frequency inverters, free wheeling, and polarity protection applications
   Guardring for overvoltage protection
   High temperature soldering guaranteed: 250ºC /10 seconds at terminals




Similar Part No. - SB15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB15 TSC-SB15 Datasheet
71Kb / 2P
High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
logo
Seme LAB
SB15-45SSMD05 SEME-LAB-SB15-45SSMD05 Datasheet
25Kb / 2P
SCHOTTKY BARRIER DIODE IN CERAMIC
logo
Pan Jit International I...
SB150 PANJIT-SB150 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB150 TRSYS-SB150 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB150 WTE-SB150 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB15

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com