Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC113ZUA Datasheet (PDF) - Micro Commercial Components

DTC113ZUA Datasheet PDF - Micro Commercial Components
Part # DTC113ZUA
Download  DTC113ZUA Download
File Size   97.16 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Digital Transistors

DTC113ZUA Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC113ZUA Datasheet PDF - Micro Commercial Components

Part # DTC113ZUA
Download  DTC113ZUA Click to download

File Size   97.16 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Digital Transistors

DTC113ZUA Datasheet (HTML) - Micro Commercial Components


DTC113ZUA Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epitaxial Planar Die Construction
• Complementary NPN Types Available
• Built-In Biasing Resistors
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking: E21
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - DTC113ZUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC113ZUA ROHM-DTC113ZUA Datasheet
53Kb / 4P
Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC113ZUA JIANGSU-DTC113ZUA Datasheet
123Kb / 2P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC113ZUA SECOS-DTC113ZUA Datasheet
222Kb / 2P
Digital Transistors NPN (Built-in Resistors)
logo
Rohm
DTC113ZUA ROHM-DTC113ZUA Datasheet
144Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC113ZUA RECTRON-DTC113ZUA Datasheet
366Kb / 3P
SOT-323 DIGITAL TRANSISTORS TRANSISTORS(NPN)
More results


Similar Description - DTC113ZUA

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
Digital Transistors
UMH1N MCC-UMH1N Datasheet
191Kb / 3P
Digital Transistors
DTC113ZCA MCC-DTC113ZCA_11 Datasheet
391Kb / 3P
Digital Transistors
DTC143ZCA MCC-DTC143ZCA_11 Datasheet
210Kb / 2P
Digital Transistors
logo
Unisonic Technologies
DTA123E UTC-DTA123E_11 Datasheet
198Kb / 3P
DIGITAL TRANSISTORS
DTA123J UTC-DTA123J_11 Datasheet
125Kb / 2P
DIGITAL TRANSISTORS
DTA144E UTC-DTA144E_11 Datasheet
174Kb / 3P
DIGITAL TRANSISTORS
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
Digital Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com