Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB210 Datasheet (PDF) - Gulf Semiconductor

SB210 Datasheet PDF - Gulf Semiconductor
Part # SB210
Download  SB210 Download
File Size   136.5 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A

SB210 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB210 Datasheet PDF - Gulf Semiconductor

Part # SB210
Download  SB210 Click to download

File Size   136.5 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A

SB210 Datasheet (HTML) - Gulf Semiconductor


SB210 Product details

VOLTAGE: 20 to 100V CURRENT: 2.0A

FEATURE
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Low power loss, high efficiency
• High current capability, low forward voltage drop
• High surge capability
• For use in low voltage high frequency inverters, free wheeling, and polarity protection applications
• Guard ring for over voltage protection
• High temperature soldering guaranteed: 250ºC /10 seconds at terminals




Similar Part No. - SB210

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB210 DEC-SB210 Datasheet
340Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
SB210 LUGUANG-SB210 Datasheet
1Mb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB2100 PANJIT-SB2100 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB2100 TRSYS-SB2100 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SB2100 ZOWIE-SB2100 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB210

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB26S GULFSEMI-SB26S Datasheet
126Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB510 GULFSEMI-SB510 Datasheet
144Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 5.0A
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
Shanghai Leiditech Elec...
SLT20L100P LEIDITECH-SLT20L100P Datasheet
227Kb / 3P
Surface Mount Schottky Barrier Rectifier Voltang 100V Current 20 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com