Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB20100FCT Datasheet (PDF) - Gulf Semiconductor

SB20100FCT Datasheet PDF - Gulf Semiconductor
Part # SB20100FCT
Download  SB20100FCT Download
File Size   126.08 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A

SB20100FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB20100FCT Datasheet PDF - Gulf Semiconductor

Part # SB20100FCT
Download  SB20100FCT Click to download

File Size   126.08 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A

SB20100FCT Datasheet (HTML) - Gulf Semiconductor


SB20100FCT Product details

VOLTAGE: 100V CURRENT: 20.0A



FEATURE

High current capability, Low forward voltage drop

Low power loss, high efficiency

High surge capability

High temperature soldering guaranteed

250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB20100FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB20100FCT PANJIT-SB20100FCT Datasheet
47Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Won-Top Electronics
SB20100FCT WTE-SB20100FCT Datasheet
40Kb / 3P
20A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB20100FCT WTE-SB20100FCT Datasheet
50Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB20100FCT PACELEADER-SB20100FCT Datasheet
266Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB20100FCT WTE-SB20100FCT Datasheet
56Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB20100FCT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB2060CT GULFSEMI-SB2060CT Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A
SB2060FCT GULFSEMI-SB2060FCT Datasheet
91Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT GULFSEMI-SB20100CT Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT-E GULFSEMI-SB20100CT-E Datasheet
124Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20150FCT GULFSEMI-SB20150FCT Datasheet
121Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
SB20200CT GULFSEMI-SB20200CT Datasheet
127Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
SB20200FCT GULFSEMI-SB20200FCT Datasheet
130Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com