Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1600 Datasheet (PDF) - Gulf Semiconductor

SF1600 Datasheet PDF - Gulf Semiconductor
Part # SF1600
Download  SF1600 Download
File Size   91.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?600V CURRENT: 1.0A

SF1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1600 Datasheet PDF - Gulf Semiconductor

Part # SF1600
Download  SF1600 Click to download

File Size   91.89 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?600V CURRENT: 1.0A

SF1600 Datasheet (HTML) - Gulf Semiconductor


SF1600 Product details

FEATURE
   Very low switching losses
   Glass passivated
   Low reverse current
   High reverse voltage
   Hermetically sealed package

MECHANICAL DATA
   Case: SOD-57 sintered glass case
   Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C
   Polarity: color band denotes cathode end
   Mounting position: any




Similar Part No. - SF1600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF1600 VISHAY-SF1600 Datasheet
37Kb / 3P
Super Fast Rectifiers
24-Jun-98
SF1600 VISHAY-SF1600 Datasheet
115Kb / 5P
Ultra Fast Avalanche Sinterglass Diode
14-Apr-05
SF1600 VISHAY-SF1600 Datasheet
344Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Aug-10
logo
Gaomi Xinghe Electronic...
SF1600 GXELECTRONICS-SF1600 Datasheet
342Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE : 1600 CURRENT: 1.0A
logo
Vishay Siliconix
SF1600 VISHAY-SF1600 Datasheet
120Kb / 5P
Ultrafast Avalanche Sinterglass Diode
11-Sep-12
More results


Similar Description - SF1600

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5617 GULFSEMI-1N5617 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26C GULFSEMI-BYV26C Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26E GULFSEMI-BYV26E Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.0A
FE1.5G GULFSEMI-FE1.5G Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
FE1.5M GULFSEMI-FE1.5M Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
logo
Gaomi Xinghe Electronic...
SF1600 GXELECTRONICS-SF1600 Datasheet
342Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE : 1600 CURRENT: 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com