Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5404 Datasheet (PDF) - Gulf Semiconductor

SF5404 Datasheet PDF - Gulf Semiconductor
Part # SF5404
Download  SF5404 Download
File Size   102.97 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A

SF5404 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF5404 Datasheet PDF - Gulf Semiconductor

Part # SF5404
Download  SF5404 Click to download

File Size   102.97 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A

SF5404 Datasheet (HTML) - Gulf Semiconductor


SF5404 Product details

VOLTAGE:50 to 1000V CURRENT: 3.0A

FEATURES
• Glass passivated
• Hermetically sealed package
• Low reverse current
• High reverse voltage




Similar Part No. - SF5404

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5404 VISHAY-SF5404 Datasheet
51Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
List of Unclassifed Man...
SF5404 ETC-SF5404 Datasheet
103Kb / 2P
374.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5404 VANLONG-SF5404 Datasheet
109Kb / 2P
374.00 MHz SAW Filter
logo
Vishay Siliconix
SF5404 VISHAY-SF5404 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
25-May-11
SF5404 VISHAY-SF5404 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
19-Sep-12
More results


Similar Description - SF5404

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
1N5811 GULFSEMI-1N5811 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?50V CURRENT: 3.0A
BYM36C GULFSEMI-BYM36C Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYM36E GULFSEMI-BYM36E Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE4G GULFSEMI-FE4G Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
UF30A GULFSEMI-UF30A Datasheet
214Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com