Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUF2003 Datasheet (PDF) - Gulf Semiconductor

SUF2003 Datasheet PDF - Gulf Semiconductor
Part # SUF2003
Download  SUF2003 Download
File Size   356.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A

SUF2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SUF2003 Datasheet PDF - Gulf Semiconductor

Part # SUF2003
Download  SUF2003 Click to download

File Size   356.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A

SUF2003 Datasheet (HTML) - Gulf Semiconductor


SUF2003 Product details

VOLTAGE:50 TO 1000V CURRENT: 2.0A



FEATURE

  Low power loss

  High surge capability

  Ultrafast recovery time for high efficiency

  High temperature soldering guaranteed

  250°C/10sec/0.375”lead length at 5 lbs tension



 




Similar Part No. - SUF2003

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF2001 AUK-SUF2001 Datasheet
638Kb / 13P
Dual N and P-channel Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF2001 KODENSHI-SUF2001 Datasheet
541Kb / 13P
30V Dual N-and P-channel Trench MSFET
logo
SHENZHEN DOINGTER SEMIC...
SUF2001 DOINGTER-SUF2001 Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
More results


Similar Description - SUF2003

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FR201 GULFSEMI-FR201 Datasheet
568Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
KBP005 GULFSEMI-KBP005 Datasheet
3Mb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
MUR105S GULFSEMI-MUR105S Datasheet
99Kb / 3P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
RG2GE GULFSEMI-RG2GE Datasheet
87Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
RL201 GULFSEMI-RL201 Datasheet
609Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT; 2.0A
SUF1500 GULFSEMI-SUF1500 Datasheet
81Kb / 2P
HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
SUF4001 GULFSEMI-SUF4001 Datasheet
74Kb / 2P
HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
SUF5400 GULFSEMI-SUF5400 Datasheet
529Kb / 2P
HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
UF2001 GULFSEMI-UF2001 Datasheet
188Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com