Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUF5406 Datasheet (PDF) - Gulf Semiconductor

SUF5406 Datasheet PDF - Gulf Semiconductor
Part # SUF5406
Download  SUF5406 Download
File Size   529.23 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A

SUF5406 Datasheet (PDF)

Go To PDF Page Download Datasheet
SUF5406 Datasheet PDF - Gulf Semiconductor

Part # SUF5406
Download  SUF5406 Click to download

File Size   529.23 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A

SUF5406 Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - SUF5406

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF501C SECOS-SUF501C Datasheet
377Kb / 2P
5.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF501C SECOS-SUF501C Datasheet
218Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF501C SECOS-SUF501C_15 Datasheet
378Kb / 2P
5.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF501C SECOS-SUF501C_16 Datasheet
218Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Bruckewell Technology L...
SUF501_5C BWTECH-SUF501_5C Datasheet
372Kb / 4P
5.0AMP Surface Mount Super Fast Recovery Rectifiers
More results


Similar Description - SUF5406

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5400 GULFSEMI-1N5400 Datasheet
163Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
FR301 GULFSEMI-FR301 Datasheet
1Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
MUR105S GULFSEMI-MUR105S Datasheet
99Kb / 3P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
SUF1500 GULFSEMI-SUF1500 Datasheet
81Kb / 2P
HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
SUF2001 GULFSEMI-SUF2001 Datasheet
356Kb / 2P
HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
SUF4001 GULFSEMI-SUF4001 Datasheet
74Kb / 2P
HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
UF3001 GULFSEMI-UF3001 Datasheet
155Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
UF5400-E GULFSEMI-UF5400-E Datasheet
218Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER Voltage: 50 to 1000V Current: 3.0A
logo
Rugao Dachang Electroni...
FR301 DACHANG-FR301 Datasheet
154Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com