Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UERA12D Datasheet (PDF) - Gulf Semiconductor

UERA12D Datasheet PDF - Gulf Semiconductor
Part # UERA12D
Download  UERA12D Download
File Size   77.48 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A

UERA12D Datasheet (PDF)

Go To PDF Page Download Datasheet
UERA12D Datasheet PDF - Gulf Semiconductor

Part # UERA12D
Download  UERA12D Click to download

File Size   77.48 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A

UERA12D Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - UERA12D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UERA10B GULFSEMI-UERA10B Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 100V CURRENT:10.0A
UERA10D GULFSEMI-UERA10D Datasheet
87Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
UERA16A GULFSEMI-UERA16A Datasheet
102Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 50V CURRENT:16.0A
UERA16D GULFSEMI-UERA16D Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:16.0A
UERA16G GULFSEMI-UERA16G Datasheet
102Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:16.0A
More results


Similar Description - UERA12D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FERP20D GULFSEMI-FERP20D Datasheet
87Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
RGSP12W GULFSEMI-RGSP12W Datasheet
96Kb / 2P
Fast Plastic Power Rectifiers VOLTAGE: 1500V CURRENT:12.0A
UESP08D GULFSEMI-UESP08D Datasheet
110Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:8.0A
UESP12J GULFSEMI-UESP12J Datasheet
115Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
UGRA16D GULFSEMI-UGRA16D Datasheet
177Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
UGRB16D GULFSEMI-UGRB16D Datasheet
207Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
UGRP12D GULFSEMI-UGRP12D Datasheet
88Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
UGSA12J GULFSEMI-UGSA12J Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com