Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG1J Datasheet (PDF) - Gulf Semiconductor

UG1J Datasheet PDF - Gulf Semiconductor
Part # UG1J
Download  UG1J Download
File Size   108.71 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SUPERFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?1.0A

UG1J Datasheet (PDF)

Go To PDF Page Download Datasheet
UG1J Datasheet PDF - Gulf Semiconductor

Part # UG1J
Download  UG1J Click to download

File Size   108.71 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SUPERFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?1.0A

UG1J Datasheet (HTML) - Gulf Semiconductor


UG1J Product details

FEATURE
    Low power loss
    High surge capability
    Glass passivated chip junction
    Ultra-fast recovery time for high efficiency
    High temperature soldering guaranteed
    250℃ /10sec/0.375″ lead length at 5 lbs tension




Similar Part No. - UG1J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG10 VISHAY-UG10 Datasheet
80Kb / 3P
Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
UG10 VISHAY-UG10 Datasheet
46Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
logo
Diodes Incorporated
UG1001 DIODES-UG1001 Datasheet
62Kb / 2P
1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27008 Rev. A1-2
logo
Lite-On Technology Corp...
UG1001 LITEON-UG1001 Datasheet
35Kb / 2P
ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results


Similar Description - UG1J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1R5GU41 GULFSEMI-1R5GU41 Datasheet
106Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?.5A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
BYW95BG GULFSEMI-BYW95BG Datasheet
100Kb / 2P
FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
GS1J-E GULFSEMI-GS1J-E Datasheet
143Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.0A
UF2004A GULFSEMI-UF2004A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com