Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2F Datasheet (PDF) - Gulf Semiconductor

UG2F Datasheet PDF - Gulf Semiconductor
Part # UG2F
Download  UG2F Download
File Size   112.59 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00 TO 400V CURRENT竊?2.0A

UG2F Datasheet (PDF)

Go To PDF Page Download Datasheet
UG2F Datasheet PDF - Gulf Semiconductor

Part # UG2F
Download  UG2F Click to download

File Size   112.59 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00 TO 400V CURRENT竊?2.0A

UG2F Datasheet (HTML) - Gulf Semiconductor


UG2F Product details

VOLTAGE:300 TO 400V CURRENT:2.0A

FEATURE
    Low power loss
    High surge capability
    Glass passivated chip junction
    Ultra-fast recovery time for high efficiency
    High temperature soldering guaranteed 250℃ /10sec/0.375″ lead length at 5 lbs tension




Similar Part No. - UG2F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
75Kb / 4P
Ultrafast Plastic Rectifier
05-May-2021
logo
RFE international
UG2F RFE-UG2F Datasheet
2Mb / 3P
Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2FA RFE-UG2FA Datasheet
2Mb / 3P
Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
logo
Vishay Siliconix
UG2F VISHAY-UG2F_V01 Datasheet
75Kb / 4P
Ultrafast Plastic Rectifier
05-May-2021
More results


Similar Description - UG2F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYV27-1GE GULFSEMI-BYV27-1GE Datasheet
88Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER VOLTAGE竊?00 TO 200V CURRENT竊?2.0A
EM7G GULFSEMI-EM7G Datasheet
130Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?1000V CURRENT竊?1.0A
MUR220 GULFSEMI-MUR220 Datasheet
176Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
RG2GE GULFSEMI-RG2GE Datasheet
87Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
RG10 GULFSEMI-RG10 Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?1.5A
RU2GE GULFSEMI-RU2GE Datasheet
79Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?400V CURRENT竊?1.1A
UF2001 GULFSEMI-UF2001 Datasheet
188Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
UG2A GULFSEMI-UG2A Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
UG2D-A GULFSEMI-UG2D-A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
UGPP10D GULFSEMI-UGPP10D Datasheet
129Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00 TO 600V CURRENT竊?1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com