Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGSP05D Datasheet (PDF) - Gulf Semiconductor

UGSP05D Datasheet PDF - Gulf Semiconductor
Part # UGSP05D
Download  UGSP05D Download
File Size   68.22 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A

UGSP05D Datasheet (PDF)

Go To PDF Page Download Datasheet
UGSP05D Datasheet PDF - Gulf Semiconductor

Part # UGSP05D
Download  UGSP05D Click to download

File Size   68.22 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A

UGSP05D Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - UGSP05D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGSP05F GULFSEMI-UGSP05F Datasheet
74Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:5.0A
UGSP05G GULFSEMI-UGSP05G Datasheet
88Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:5.0A
UGSP05J GULFSEMI-UGSP05J Datasheet
115Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:5.0A
UGSP05JL GULFSEMI-UGSP05JL Datasheet
136Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 5.0A
More results


Similar Description - UGSP05D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESP05J GULFSEMI-FESP05J Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:5.0A
FESP05K GULFSEMI-FESP05K Datasheet
70Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 5.0A
FML-05D GULFSEMI-FML-05D Datasheet
63Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
FMX-05D GULFSEMI-FMX-05D Datasheet
68Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UERP05D GULFSEMI-UERP05D Datasheet
77Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:5.0A
UESA05J GULFSEMI-UESA05J Datasheet
96Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 5.0A
UESP05D GULFSEMI-UESP05D Datasheet
172Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UESP05F GULFSEMI-UESP05F Datasheet
47Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 300V CURRENT: 5.0A
UESP05K GULFSEMI-UESP05K Datasheet
176Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 5.0A
UGSP05JL GULFSEMI-UGSP05JL Datasheet
136Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 5.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com