Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-2ACPZ-R7 Datasheet (PDF) - Analog Devices

ADA4091-2ACPZ-R7 Datasheet PDF - Analog Devices
Part # ADA4091-2ACPZ-R7
Download  ADA4091-2ACPZ-R7 Download
File Size   478.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Micropower, OVP, RRIO Operational Amplifier

ADA4091-2ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4091-2ACPZ-R7 Datasheet PDF - Analog Devices

Part # ADA4091-2ACPZ-R7
Download  ADA4091-2ACPZ-R7 Click to download

File Size   478.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Micropower, OVP, RRIO Operational Amplifier

ADA4091-2ACPZ-R7 Datasheet (HTML) - Analog Devices


ADA4091-2ACPZ-R7 Product details

GENERAL DESCRIPTION
The ADA4091-2 dual and ADA4091-4 quad are micropower, single-supply, 1.2 MHz bandwidth amplifiers featuring rail-to rail inputs and outputs. They are guaranteed to operate from a +2.7 V to +30 V single supply as well as from ±1.35 V to ±15 V dual supplies.
The ADA4091 family features a unique input stage that allows the input voltage to exceed either supply safely without any phase reversal or latch-up; this is called overvoltage protection, or OVP.

FEATURES
  Single-supply operation: 2.7 V to 36 V
  Wide input voltage range
  Rail-to-rail output swing
  Low supply current: 200 µA/amplifier
  Wide bandwidth: 1.2 MHz
  Slew rate: 0.46 V/µs
  Low offset voltage: 250 µV maximum
  No phase reversal
  Overvoltage protection (OVP)
     25 V above/below supply rails at ±5 V
     12 V above/below supply rails at ±15 V

APPLICATIONS
  Industrial process control
  Battery-powered instrumentation
  Power supply control and protection
  Telecommunications
  Remote sensors
  Low voltage strain gage amplifiers
  DAC output amplifiers




Similar Part No. - ADA4091-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4091-2ACPZ-R7 AD-ADA4091-2ACPZ-R7 Datasheet
550Kb / 20P
Precision Micropower, OVP, RRIO Operational Amplifier
Rev. H
ADA4091-2ACPZ-R7 AD-ADA4091-2ACPZ-R7 Datasheet
549Kb / 20P
Precision Micropower, OVP, RRIO Operational Amplifier
Rev. H
More results


Similar Description - ADA4091-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
August 12, 2010
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
1Mb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
July 22, 2011
logo
Analog Devices
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
ADA4091-2 AD-ADA4091-2_16 Datasheet
550Kb / 20P
Precision Micropower, OVP, RRIO Operational Amplifier
Rev. H
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
Micropower RRIO Operational Amplifier
Rev. B
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com