Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU3225K17AUTOG2 Datasheet (PDF) - EPCOS

CU3225K17AUTOG2 Datasheet PDF - EPCOS
Part # CU3225K17AUTOG2
Download  CU3225K17AUTOG2 Download
File Size   742.71 Kbytes
Page   28 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Ceramic transient voltage suppressors

CU3225K17AUTOG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CU3225K17AUTOG2 Datasheet PDF - EPCOS

Part # CU3225K17AUTOG2
Download  CU3225K17AUTOG2 Click to download

File Size   742.71 Kbytes
Page   28 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Ceramic transient voltage suppressors

CU3225K17AUTOG2 Datasheet (HTML) - EPCOS


CU3225K17AUTOG2 Product details

Ceramic transient voltage suppressors
SMD disk varistors for automotive applications

Features
■ 12 V and 24 V supply systems
■ High energy absorption capability
■ SMD plastic package
■ No temperature derating up to 85 °C
■ RoHS-compatible
■ Suitable for lead-free soldering
■ UL approved
■ PSpice simulation modeling available for different pulses

Applications
■ Load dump protection acc. to ISO 7637, pulse 5
■ Jump start protection

Design
■ Cylindrical varistor element, encapsulated.
■ Encapsulation: thermoplastic, flame-retardant to UL 94 V-0.
■ Termination: tinned copper alloy, suitable for lead-free wave and reflow soldering, and compatible with tin/lead solder.




Similar Part No. - CU3225K17AUTOG2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CU3225K17AUTOG2 EPCOS-CU3225K17AUTOG2 Datasheet
86Kb / 4P
Monolithic; Automotive Series
More results


Similar Description - CU3225K17AUTOG2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
Ceramic transient voltage suppressors
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com