Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB254W-BP Datasheet (PDF) - Micro Commercial Components

MB254W-BP Datasheet PDF - Micro Commercial Components
Part # MB254W-BP
Download  MB254W-BP Download
File Size   149.05 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts

MB254W-BP Datasheet (PDF)

Go To PDF Page Download Datasheet
MB254W-BP Datasheet PDF - Micro Commercial Components

Part # MB254W-BP
Download  MB254W-BP Click to download

File Size   149.05 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts

MB254W-BP Datasheet (HTML) - Micro Commercial Components


MB254W-BP Product details

Features
•  Mounting Hole For #8 Screw
•  High Conductivity Metal Case
•  Any Mounting Position
•  Case to Terminal Isolation Voltage 2500V
•  Case Material: Molded Plastic. UL Flammability
   Classification Rating 94V-0 and MSL Rating 1




Similar Part No. - MB254W-BP

ManufacturerPart #DatasheetDescription
logo
Bytes
MB254W BYTES-MB254W Datasheet
150Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB254W DCCOM-MB254W Datasheet
426Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB254W FORMOSA-MB254W Datasheet
34Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB254W TAITRON-MB254W Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
UNIOHM CORPORATION
MB254W UNIOHM-MB254W Datasheet
65Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
More results


Similar Description - MB254W-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC2500S MCC-KBPC2500S Datasheet
87Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505 MCC-MB2505 Datasheet
83Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505 MCC-MP2505 Datasheet
39Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505 MCC-MB2505_16 Datasheet
305Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB2505W MCC-MB2505W_13 Datasheet
281Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505 MCC-MP2505_13 Datasheet
158Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP2505W MCC-MP2505W Datasheet
169Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com