Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC7808CT Datasheet (PDF) - Micro Commercial Components

MC7808CT Datasheet PDF - Micro Commercial Components
Part # MC7808CT
Download  MC7808CT Download
File Size   451.69 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Three-Terminal Positive Voltage Regulators

MC7808CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC7808CT Datasheet PDF - Micro Commercial Components

Part # MC7808CT
Download  MC7808CT Click to download

File Size   451.69 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Three-Terminal Positive Voltage Regulators

MC7808CT Datasheet (HTML) - Micro Commercial Components


MC7808CT Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Output current in excess of 1.0 Ampere
• No external components required
• Internal thermal overload protection
• Internal short-circuit current limiting
• Output voltage offered in 2% tolerance
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Mounting Torgue: 5 in-lbs Maximum




Similar Part No. - MC7808CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7808CT MOTOROLA-MC7808CT Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7808CT ONSEMI-MC7808CT Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Fairchild Semiconductor
MC7808CT FAIRCHILD-MC7808CT Datasheet
225Kb / 28P
3-Terminal 1A Positive Voltage Regulator
MC7808CT FAIRCHILD-MC7808CT Datasheet
226Kb / 28P
3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
MC7808CT ONSEMI-MC7808CT Datasheet
245Kb / 32P
1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
More results


Similar Description - MC7808CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com