Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4403 Datasheet (PDF) - Micro Commercial Components

MMST4403 Datasheet PDF - Micro Commercial Components
Part # MMST4403
Download  MMST4403 Download
File Size   84.53 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Small Signal Transistors

MMST4403 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMST4403 Datasheet PDF - Micro Commercial Components

Part # MMST4403
Download  MMST4403 Click to download

File Size   84.53 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Small Signal Transistors

MMST4403 Datasheet (HTML) - Micro Commercial Components


MMST4403 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Power dissipation: 200mW (Tamb=25°C)
• Collector current: -0.6A
• Marking : K3T
• Operating and Storage junction temperature range -55°C to + 150°C
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - MMST4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST4403 TRSYS-MMST4403 Datasheet
195Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST4403 ROHM-MMST4403 Datasheet
40Kb / 1P
PNP Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST4403 DIODES-MMST4403 Datasheet
49Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30083 Rev. 2P-1
logo
Rohm
MMST4403 ROHM-MMST4403 Datasheet
90Kb / 4P
PNP Medium Power Transistor (Switching)
logo
Galaxy Semi-Conductor H...
MMST4403 BILIN-MMST4403 Datasheet
133Kb / 3P
PNP Silicon Epitaxial Planar Transistor
More results


Similar Description - MMST4403

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com