Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST5551 Datasheet (PDF) - Micro Commercial Components

MMST5551 Datasheet PDF - Micro Commercial Components
Part # MMST5551
Download  MMST5551 Download
File Size   79.67 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistors

MMST5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMST5551 Datasheet PDF - Micro Commercial Components

Part # MMST5551
Download  MMST5551 Click to download

File Size   79.67 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistors

MMST5551 Datasheet (HTML) - Micro Commercial Components


MMST5551 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Power dissipation: 200mW (Tamb=25°C)
• Collector current: 0.2A
• Marking : K4N
• Operating and Storage junction temperature range
   -55°C to + 150°C
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - MMST5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST5551 DIODES-MMST5551 Datasheet
41Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30173 Rev. B-1
MMST5551 DIODES-MMST5551 Datasheet
208Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30173 Rev. 7 - 2
logo
TRANSYS Electronics Lim...
MMST5551 TEL-MMST5551 Datasheet
103Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551 Datasheet
157Kb / 3P
NPN General Purpose Transistor
logo
Rectron Semiconductor
MMST5551 RECTRON-MMST5551 Datasheet
612Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (NPN)
More results


Similar Description - MMST5551

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com