Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5221 Datasheet (PDF) - Micro Commercial Components

MMSZ5221 Datasheet PDF - Micro Commercial Components
Part # MMSZ5221
Download  MMSZ5221 Download
File Size   250.19 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diodes 2.4 to 39 Volts

MMSZ5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5221 Datasheet PDF - Micro Commercial Components

Part # MMSZ5221
Download  MMSZ5221 Click to download

File Size   250.19 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diodes 2.4 to 39 Volts

MMSZ5221 Datasheet (HTML) - Micro Commercial Components


MMSZ5221 Product details

Features

Lead Free Finish/RoHS Compliant("P" Suffix designates RoHS Compliant. See ordering information)

Planar Die construction

Zener Voltages from 2.4V - 39Vand 500mW Power Dissipation

Ideally Suited for Automated Assembly Processes




Similar Part No. - MMSZ5221

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
500mW Surface Mount Zener Diodes
logo
Formosa MS
MMSZ5221-FL FORMOSA-MMSZ5221-FL Datasheet
219Kb / 10P
SMD Zener Diode
logo
Pan Jit International I...
MMSZ5221B PANJIT-MMSZ5221B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
More results


Similar Description - MMSZ5221

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
250 mW Zener Diode 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
500 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
500 mW Zener Diodes 2.4 to 75 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com