Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI2301 Datasheet (PDF) - Micro Commercial Components

SI2301 Datasheet PDF - Micro Commercial Components
Part # SI2301
Download  SI2301 Download
File Size   242.42 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description P-Channel Enhancement Mode Field Effect Transistor

SI2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2301 Datasheet PDF - Micro Commercial Components

Part # SI2301
Download  SI2301 Click to download

File Size   242.42 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description P-Channel Enhancement Mode Field Effect Transistor

SI2301 Datasheet (HTML) - Micro Commercial Components


SI2301 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• -20V,-2.8A, RDS(ON)=120mΩ@VGS=-4.5V
                     RDS(ON)=150mΩ@VGS=-2.5V
• High dense cell design for extremely low RDS(ON)
• Rugged and reliable
• High Speed Switching
• SOT-23 Package
• Marking Code: S1
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - SI2301

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SI2301 MCC-SI2301 Datasheet
330Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
MAKO SEMICONDUCTOR CO.,...
SI2301 MAKOSEMI-SI2301 Datasheet
109Kb / 3P
High dense cell design for extremely low RDS(ON)
logo
ZP Semiconductor
SI2301 ZPSEMI-SI2301 Datasheet
377Kb / 6P
P-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2301 HOTTECH-SI2301 Datasheet
289Kb / 3P
Plastic-Encapsulate Mosfets
logo
Foshan Blue Rocket Elec...
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
P- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Similar Description - SI2301

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com