Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI2302 Datasheet (PDF) - Micro Commercial Components

SI2302 Datasheet PDF - Micro Commercial Components
Part # SI2302
Download  SI2302 Download
File Size   168.38 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel Enhancement Mode Field Effect Transistor

SI2302 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2302 Datasheet PDF - Micro Commercial Components

Part # SI2302
Download  SI2302 Click to download

File Size   168.38 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel Enhancement Mode Field Effect Transistor

SI2302 Datasheet (HTML) - Micro Commercial Components


SI2302 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• 20V,3.0A, RDS(ON)=55mΩ@VGS=4.5V
                   RDS(ON)=82mΩ@VGS=2.5V
• High dense cell design for extremely low RDS(ON)
• Rugged and reliable
• Lead free product is acquired
• SOT-23 Package
• Marking Code: S2
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - SI2302

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SI2302 MCC-SI2302 Datasheet
266Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
logo
ZP Semiconductor
SI2302 ZPSEMI-SI2302 Datasheet
413Kb / 6P
N-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2302 HOTTECH-SI2302 Datasheet
272Kb / 3P
Plastic-Encapsulate Mosfets
logo
Foshan Blue Rocket Elec...
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Similar Description - SI2302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com