Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet (PDF) - Micro Commercial Components

TIP32 Datasheet PDF - Micro Commercial Components
Part # TIP32
Download  TIP32 Download
File Size   125.67 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon PNP Power Transistors

TIP32 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP32 Datasheet PDF - Micro Commercial Components

Part # TIP32
Download  TIP32 Click to download

File Size   125.67 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon PNP Power Transistors

TIP32 Datasheet (HTML) - Micro Commercial Components


TIP32 Product details

Features
• The Complementary NPN Types are the TIP31 Respectively
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix Designates
   RoHS Compliant. See Ordering Information)

Maximum Ratings @ 25°C Unless Otherwise Specified
• Operating Junction Temperature Range: -65℃ to +150℃
• Storage Temperature Range: -65℃ to +150℃
• Thermal Resistance: 3.125℃/W Junction to Case
• Thermal Resistance: 62.5℃/W Junction to Ambient




Similar Part No. - TIP32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32 MOSPEC-TIP32 Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Power Innovations Ltd
TIP32 POINN-TIP32 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP32 BOCA-TIP32 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
logo
Micro Electronics
TIP32 MICRO-ELECTRONICS-TIP32 Datasheet
43Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Similar Description - TIP32

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com