Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41 Datasheet (PDF) - Micro Commercial Components

TIP41 Datasheet PDF - Micro Commercial Components
Part # TIP41
Download  TIP41 Download
File Size   189.32 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon NPN Power Transistors

TIP41 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP41 Datasheet PDF - Micro Commercial Components

Part # TIP41
Download  TIP41 Click to download

File Size   189.32 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon NPN Power Transistors

TIP41 Datasheet (HTML) - Micro Commercial Components


TIP41 Product details

Features
• The Complementary PNP Types are the TIP42 Respectively
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix Designates
   RoHS Compliant. See Ordering Information)

Maximum Ratings @ 25°C Unless Otherwise Specified
• Operating Junction Temperature Range: -65℃ to +150℃
• Storage Temperature Range: -65℃ to +150℃
• Thermal Resistance: 1.92℃/W Junction to Case
• Thermal Resistance: 62.5℃/W Junction to Ambient




Similar Part No. - TIP41

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP41 POINN-TIP41 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
TIP41 WINGS-TIP41 Datasheet
25Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP41 FAIRCHILD-TIP41 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
More results


Similar Description - TIP41

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com