Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP117 Datasheet (PDF) - Micro Commercial Components

TIP117 Datasheet PDF - Micro Commercial Components
Part # TIP117
Download  TIP117 Download
File Size   169.39 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Epitaxial Silicon Darlington Transistors

TIP117 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP117 Datasheet PDF - Micro Commercial Components

Part # TIP117
Download  TIP117 Click to download

File Size   169.39 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Epitaxial Silicon Darlington Transistors

TIP117 Datasheet (HTML) - Micro Commercial Components


TIP117 Product details

Features
• High DC Current Gain : hFE=1000 @ VCE=4.0V, IC=1.0A(Min.)
• Low Collector-Emitter Saturation Voltage
• Complementary to TIP110/111/112
• Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designat RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - TIP117

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP117 MOSPEC-TIP117 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP117 MOTOROLA-TIP117 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP117 ONSEMI-TIP117 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP117 POINN-TIP117 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP117 STMICROELECTRONICS-TIP117 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results


Similar Description - TIP117

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1193 HITACHI-2SA1193 Datasheet
34Kb / 6P
Silicon PNP Epitaxial, Darlington
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
Darlington Transistors(PNP Silicon)
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
Epitaxial Planar PNP Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Micro Commercial Compon...
TIP115 MCC-TIP115_11 Datasheet
378Kb / 2P
PNP Epitaxial Silicon Darlington Transistors
TIP115 MCC-TIP115_13 Datasheet
467Kb / 2P
PNP Epitaxial Silicon Darlington Transistors
logo
Toshiba Semiconductor
TTB1067B TOSHIBA-TTB1067B Datasheet
310Kb / 7P
Bipolar Transistors Silicon PNP Epitaxial Type (Darlington Transistor)
2016-09-30 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com