Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJS3157NT1G Datasheet (PDF) - ON Semiconductor

NTJS3157NT1G Datasheet PDF - ON Semiconductor
Part # NTJS3157NT1G
Download  NTJS3157NT1G Download
File Size   139.3 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Trench Power MOSFET 20 V, 4.0 A, Single N?묬hannel, SC??8

NTJS3157NT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
NTJS3157NT1G Datasheet PDF - ON Semiconductor

Part # NTJS3157NT1G
Download  NTJS3157NT1G Click to download

File Size   139.3 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Trench Power MOSFET 20 V, 4.0 A, Single N?묬hannel, SC??8

NTJS3157NT1G Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTJS3157NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS3157NT1G ONSEMI-NTJS3157NT1G Datasheet
111Kb / 6P
Trench Power MOSFET
January, 2013 ??Rev. 3
More results


Similar Description - NTJS3157NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4501N ONSEMI-NTR4501N Datasheet
62Kb / 6P
Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 4
NTJS3151P ONSEMI-NTJS3151P Datasheet
134Kb / 6P
Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
March, 2006 ??Rev. 2
NTJS4151P ONSEMI-NTJS4151P Datasheet
143Kb / 5P
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NTR3161N ONSEMI-NTR3161N Datasheet
105Kb / 5P
Power MOSFET 20 V, 3.3 A, Single N?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTS4172N ONSEMI-NTS4172N Datasheet
107Kb / 5P
Power MOSFET 30 V, 1.7 A, Single N?묬hannel, SC??0
June, 2008 ??Rev. 0
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NSTR4501NT1G ONSEMI-NSTR4501NT1G Datasheet
116Kb / 5P
Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
August, 2012 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com