Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4936N Datasheet (PDF) - ON Semiconductor

NTMFS4936N Datasheet PDF - ON Semiconductor
Part # NTMFS4936N
Download  NTMFS4936N Download
File Size   144.29 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 79 A, Single N?묬hannel, SO?? FL

NTMFS4936N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS4936N Datasheet PDF - ON Semiconductor

Part # NTMFS4936N
Download  NTMFS4936N Click to download

File Size   144.29 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 79 A, Single N?묬hannel, SO?? FL

NTMFS4936N Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFS4936N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4936N ONSEMI-NTMFS4936N Datasheet
122Kb / 7P
Power MOSFET
June, 2012 ??Rev. 9
NTMFS4936NCT1G ONSEMI-NTMFS4936NCT1G Datasheet
122Kb / 7P
Power MOSFET
June, 2012 ??Rev. 9
NTMFS4936NCT3G ONSEMI-NTMFS4936NCT3G Datasheet
122Kb / 7P
Power MOSFET
June, 2012 ??Rev. 9
NTMFS4936NT1G ONSEMI-NTMFS4936NT1G Datasheet
122Kb / 7P
Power MOSFET
June, 2012 ??Rev. 9
NTMFS4936NT3G ONSEMI-NTMFS4936NT3G Datasheet
122Kb / 7P
Power MOSFET
June, 2012 ??Rev. 9
More results


Similar Description - NTMFS4936N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com